PART |
Description |
Maker |
N2T-CSS-X1 N2B-CSS N2B-CSS-T1 N2B-CSS-T2 N2B-CSS-T |
SPNovaLED InGaN : 50mA
|
DOMINANT[DOMINANT Semiconductors]
|
NPW-USD-AB |
SPNovaLED InGaN White: 350 mA
|
DOMINANT Semiconductors
|
NPT-USS-AE NPT-USS NPT-USS-AD NPT-USS-ADE NPT-USS- |
SPNovaLED InGaN True Green :1 Watt
|
DOMINANT[DOMINANT Semiconductors]
|
NPW-TSD-AE NPW-TSD NPW-TSD-AD NPW-TSD-ADE-1 |
SPNovaLED InGaN White High Lumens : 350 mA
|
DOMINANT[DOMINANT Semiconductors]
|
MVL-5C4SG |
T-1 3/4 ( f5mm) InGaN LED LAMPs 的T 1 3 / 4(f5mm)InGaN LED产品
|
Unity Opto Technology Co., Ltd. UOT[Unity Opto Technology]
|
MVL-584BV |
T-1 3/4 ( f5mm) InGaN LED LAMPs 的T 1 3 / 4(f5mm)InGaN LED产品
|
Unity Opto Technology Co., Ltd. UOT[Unity Opto Technology]
|
HLMP-CB11 HLMP-CM11 HLMP-CB15-R00XX HLMP-CM30-RSBX |
T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
|
http:// Avago Technologies Ltd. AVAGO TECHNOLOGIES LIMITED
|
Z8913829ASC Z8913920FSC |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:10A; Holding Current:50mA 8-BIT MICROCONTROLLER 8位微控制
|
TOKO, Inc.
|
JANHCA2N3743 JANHCA2N4930 JANHCA2N4931 JANTX2N4930 |
TRANSISTOR | BJT | PNP | 250V V(BR)CEO | 50MA I(C) | TO-39 TRANSISTOR | BJT | PNP | 200V V(BR)CEO | 50MA I(C) | TO-39 晶体管|晶体管|进步党| 200伏五(巴西)总裁| 50mA的一(c)| TO - 39封装 TRANSISTOR | BJT | PNP | 300V V(BR)CEO | 50MA I(C) | TO-39 晶体管|晶体管|进步党| 300V五(巴西)总裁| 50mA的一(c)| TO - 39封装
|
EPCOS AG International Rectifier, Corp.
|
2N942 2N2330 2N2007 2N3317 2N2165 2N2162 2N2167 2N |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 500MA I(C) | TO-5 Open-Drain SOT µP Reset Circuit TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 12V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 50MA I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 200MA I(C) | TO-46 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 200MA I(C) | TO-46 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 100MA I(C) | TO-46 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路
|
Sumida, Corp.
|
DDB DDC DDT-UJS-U2 DDB-CJS-P1 DDB-CJS-P2 DDB-CJS-P |
LED InGaN
|
DOMINANT[DOMINANT Semiconductors]
|
DDB-SJS-Q2 DDB-SJS-QR2-1 DDB-SJS-R1 DDC-SJS-T1 DDC |
LED InGaN
|
http://
|